PART |
Description |
Maker |
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|
LC5872 LC5874 LC5876 LC5873 |
Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 12 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAM2K位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 6 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 4 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 8 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM 4-Bit Single-Chip Microcontrollers with LCD Driver, 12KB/8KB/6KB/4KB ROM, 1KB RAM on chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
UPD754144 UPD754144GS UPD754244 UPD754244GS UPD754 |
4-bit single-chip microprocessor incorporated with EEPROM 4-BIT SINGLE-CHIP MICROCONTROLLERS
|
NEC[NEC]
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
H838602R H8/38600R H8/38602R HD64338602R HD64F3860 |
Renesas 16-Bit Single-Chip Microcomputer 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
|
Renesas Electronics Corporation
|
UPD78054GC-XXX-3B9 UPD78055GC-XXX-3B9 UPD78053GCA- |
8-BIT SINGLE-CHIP MICROCONTROLLER 8位微控制 8-BIT SINGLE-CHIP MICROCOMPUTER
|
NEC TOKIN America Inc. NEC TOKIN, Corp.
|
UPD70325 UPD70325GJ-10-5BG UPD70325GJ-8-5BG UPD703 |
16/8 bit single-chip microcomputer V25 TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
|
NEC[NEC]
|